PART |
Description |
Maker |
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
1SS302 |
Low forward voltage:VF(3) = 0.9 V(Typ) Fast reverse recovery time:trr = 1.6 ns (Typ)
|
TY Semiconductor Co., Ltd
|
S4402 |
MOSFET, Switching; VDSS (V): 600; ID (A): 16; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.475; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
1SS193 |
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
|
TY Semiconductor Co., Ltd
|
KDB3652 |
rDS(ON) = 14m (Typ.), VGS = 10V, ID = 61A Qg(tot) = 41nC (Typ.), VGS = 10V
|
TY Semiconductor Co., L...
|
MTSM5015-G MTSM3015-HR MTSM4015-Y MTSM3415-HRY MTS |
Surface mount LED lamp. Emitting color yellow/green. Resin color water clear. Luminous intensity(mcd) 3.0(typ) @20mA. Peak emission waveiength(typ) 585/565 nm. IC REF PREC 2.5V MICROPWR SOT23 采用SOT - 23表面贴装发光二极 SOT-23 Surface Mount LED Lamps Marktech SOT−23 SMT LEDs Surface mount LED lamp. Emitting color hi-eff red/green. Resin color water clear. Luminous intensity(mcd) 3.0(typ) @20mA. Peak emission waveiength(typ) 635/565 nm.
|
Marktech Optoelectronics MARKTECH[Marktech Corporate] http://
|